Part Number Hot Search : 
2316226 DSPIC33 74LS22 M74HC4 LTC385 T54FC 100118Y D1220
Product Description
Full Text Search
 

To Download MA1046-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA1046-1
For 1.9 GHz - Power Amplifier
MA1046-1
2. Electrical Performances (Tc = +25C, VD 1, 2 = 6V, VD3 = 10V, VG 1, 2 = -5V, VG 3 = -3V, Zg = Zl = 50)
No. 1 Items Frequency Power Gain Temperature Characteristics (Power Gain) Gain Variation Drain Current Gate Current ACP 600 kHz 900 kHz 8 9 10 Occupied Band Width Input VSWR Spurious In Band Out Band 2 nd 3 rd 11 12 Stability against load variation Intensity against load variation G ID 12 ID 3 6 7 IG 12 IG 3 ACP1 ACP2 --- in --- --- 2 SP 3 SP --- --- Po = +35 dBm Load VSWR = 1:3 All Phase Po = +35 dBm Zl = OPEN, SHORT 10 seconds each Po = +35 dBm Non-modulation < f = 6 GHz Symbol f G Po = +35 dBm / 4 Shift QPSK Modulation -PN9 Condition Standard Min 1895 33 --- --- --- --- --- --- --- --- --- --- --- --- --- --- Type --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- --- Max 1918 --- 2 0.5 400 1400 2 5 -65 -70 288 2.0 -70 -60 -30 -45 Unit MHz dB dB dB mA mA mA mA dBc dBc KHz --- dBc dBc dBc dBc
DESCRIPTION
The MA1046-1 is a 1.9 GHz band power amplifier (Po = +3.1W), constructed by 3 stages of GaAs MESFET, RF matching circuit, and DC bias circuit. The shield cap is made of metal. Input and Output impedances are designed to 50.
OUTLINE DRAWING
62 Max. 57 1.8 3.6
21 Max.
2
25 Max.
MA1046-1
10 a 0.5 b c d e f g h i
19.5
3 4 5
FEATURES
Po = +35.0 dBm, Gain = +32 dB (min.) @1.9 GHz Vd1, 2 = +6.0V, Vd3 = +10.0V Vg1, 2 = -5.0V, Vg3 = 3.0V
2 8 5 5 10 5 5 10 5 8
1 RF IN
1.2
50 Max.
2 GND 3 VG12 4 VD12 5 GND 6 VG3 7 VD3 8 RF OUT 9 GND (base)
8 Max.
2.5
Unit : mm
APPLICATION
Power amplifier for PHS base station/Japan.
Note: 1. Dimension of leads: 0.25 x 0.5 2. Tolerance of dimension of leads interval: 0.3 3. Tolerance of dimension except indications: 0.3 4. Surface Leads : Tin Plating (Iron) (Material)
4
There is no abnormal oscillating signal more than -60 dBc There is no damage
MA1046-1 Pin - Pout. ACP.
Amplifier Specifications (MA1046-1)
1. Maximum Ratings (Ta=25C)
No. 1 2 3 4 5 Items Case temperature Storage temperature Voltage Gate Voltage Input Power Symbol Tc Tstg VD12, VD 3 VG 12, VG 3 Pin VG 12 = -5.0 V, VG 3 = -3.0 V VD 12 = 6.0 V, VD 3 = 10.0 V Condition Standard -20 ~ +70 -40 ~ +95 VD 12 = 7.0 V, VD 3 = 11.0 V VG 12 = -8.0 V, VG = -8.0 V +10 dBm Unit C V V dBm
Output Power [dBm]
Typical Characteristics 39 VD12 = 6 V, VD3 = 10 V VG12 = -5 V, VG3 = -3 V
35 PO 31
C
27
60
23
40
19
20
0 -11 -7 -3 1 Input Power [dBm] 5 9
- 88 -
- 89 -
Additional Effciency [%]


▲Up To Search▲   

 
Price & Availability of MA1046-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X